Part Number Hot Search : 
AZ830P BA9040 130ANH R1800F C4020 UPC1944J DH71004 1N5223B
Product Description
Full Text Search
 

To Download 1N414806 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
1N4148
Pb
FAST SWITCHING DIODE
Features
! ! ! ! Fast Switching Speed A Glass Package Version for High Reliability A B High Conductance Available in Both Through-Hole and Surface Mount Versions C D
Mechanical Data
! ! ! ! ! ! Case: DO-35, Molded Glass Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Weight: 0.13 grams Marking: Type Number Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4
DO-35 Dim Min Max 25.40 -- A -- 4.00 B -- 0.60 C -- 2.00 D All Dimensions in mm
Maximum Ratings @TA=25C unless otherwise specified
Characteristic Non-Repetitive Peak Reverse Voltage Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Rectified Current (Average), Half Wave Rectification with Resistive Load and f 50MHz (Note 1) Non-Repetitive Peak Forward Surge Current @ t = 1.0s @ t = 1.0s Symbol VRM VRRM VRWM VR VR(RMS) IFM IO Value 100 Unit V
75
V
53 300 150 1.0 2.0 500 1.68 300 -65 to +175
V mA mA
IFSM
A mW mW/C K/W C
Power Dissipation (Note 1) Derate Above 25C Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range Note: 1. Diode on Ceramic Substrate 10mm x 8mm x 0.7mm.
Pd RJA Tj, TSTG
1N4148
1 of 4
(c) 2006 Won-Top Electronics
Electrical Characteristics
Characteristic Maximum Forward Voltage
@TA=25C unless otherwise specified
Symbol VFM
Min --
Max 1.0 5.0 50 30 25 4.0 4.0
Unit V A A A nA pF ns
Test Condition IF = 10mA VR = 75V VR = 70V, Tj = 150C VR = 20V, Tj = 150C VR = 20V VR = 0, f = 1.0MHz IF = 10mA to IR = 1.0mA VR = 6.0V, RL = 100
Maximum Peak Reverse Current
IRM
--
Capacitance Reverse Recovery Time
Cj trr
-- --
1N4148
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
TAPING SPECIFICATIONS
0.8mm MAX
5mm
1N4148
Cathode 1N4148
= Polarity Band = Device Number
1.2mm MAX
6mm 52.4mm Cathode Tape: Red Anode Tape: White
0.8mm MAX
PACKAGING INFORMATION
TAPE & BOX TAPE & REEL
Product ID Label
75mm
Inspection Hole (both ends)
330mm 248mm 80mm
BULK
805mm 42mm 96mm
Product ID Label
80mm
Packaging TAPE & REEL TAPE & BOX BULK
Reel Diameter / Box Size (mm) 330 248 x 80 x 75 96 x 80 x 42
Quantity (PCS) 5,000 5,000 2,000
Carton Size (mm) 370 x 370 x 420 410 x 335 x 265 410 x 335 x 265
Quantity (PCS) 25,000 100,000 120,000
Approx. Gross Weight (KG) 8.5 15.7 13.8
Note: 1. Paper reel, white or gray color. Core material: plastic or metal. 2. Components are packed in accordance with EIA standard RS-296-E.
1N4148
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
1N4148-T3 1N4148-TB 1N4148
1. 2. 3.
Package Type
DO-35 DO-35 DO-35
Shipping Quantity
5000/Tape & Reel 5000/Tape & Box 2000 Units/Box
Products listed in bold are WTE Preferred devices. Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order RoHS / Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, 1N4148-TB-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
1N4148
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of 1N414806

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X